Part Number Hot Search : 
MPW2032 EMK12 SM5326 54446 42C250G TDSR5150 HDV62A PMB2728
Product Description
Full Text Search
 

To Download ECM-5610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ECM-5610
5.25" Intel(R) Pentium(R) III / Celeron(R) Mini Module
LCD 1
DVI (Optional)
LAN 1 Zoom Video Port LCD 2 SMI Lynx3DM SM721 Chipset VIA VT82C694X Chipset PCI Supports Intel(R) Pentium(R) III / Celeron(R) CPU COM 1, 2, 3, 4 LPT VGA LAN 2
Features
n Supports Intel(R) Pentium(R) III / Celeron(R) CPU n VIA VT82C694X Chipset n 48-bit TFT, Dual View, & Optional DVI n AC97 Audio & TV-out n Dual Intel(R) 82559ER or Intel(R) 82559 10/100Mbps LAN n 1 PC/104, 1 PCI, Type I/II CF
SOM
Audio & TV-out FDD
USB 1.1
n 4 COM, 2 USB 1.1
3.5"
1 DIMM up to 512 MB SDRAM
VIA VT82C686B Chipset
PC/104 Socket
40-pin IDE
Dual View
TV-out
DVI
PC/104
5.25"
Specifications
System
* CPU * FSB * BIOS * System Chipset * I/O Chip * System Memory * SSD * Watchdog Timer * Expansion Supports Intel(R) Pentium(R) III / Celeron(R) (CopperMine only ) & VIA C3 66/100/133 MHz Award 256 KB Flash BIOS VIA Apollo Pro 133A VT82C694X/VT82C686B VIA VT82C686B/Winbond W83977EF-AW One 168-pin DIMM socket supports up to 512 MB SDRAM One CompactFlash Type I/II socket Reset/IRQx; 32 sec.~254 min. and 1 min./step One PC/104 connector, one PCI slot
MB
Audio
* Chipset * AC97 Codec * Audio Interface VIA VT82C686B AD1819B Mic in, Line in, CD Audio in, Line out
PC/104
Ethernet
* Chipset * Ethernet Interface * Remote Boot ROM Dual Intel(R) 82559ER or optional Intel(R) 82559 IEEE 802.3u 100Base-Tx Fast Ethernet compatible Optional built-in boot ROM in Flash BIOS
FS
Mechanical & Environmental
* Power Requirement * Power Type +5 V @ 5 A, +12 V @ 0.11 A (with Intel(R) Celeron(R) 850 MHz & 128 MB SDRAM) AT/ATX * Operating Temperature 0~60C (32~140F) * Operating Humidity 0%~90% relative humidity, noncondensing * Size (L x W) * Weight 8" x 5.75" (203 mm x 146 mm) 0.88 lbs (0.4 Kg)
HS
I/O
* MIO * IrDA * USB 2 x EIDE (Ultra DMA 100), 2 x FDD, 1 x LPT, 3 x RS-232, 1 x RS-232/422/485, 1 x K/B, 1 x Mouse 115k bps, IrDA 1.0 compliant 2 x USB 1.1 ports
IPC
NA
Display
* Chipset * Display Memory * Resolution SMI Lynx3DM SM721 with integrated 2D/3D graphics engine 4 MB SGRAM frame buffer CRT mode: 1280 x 1024 @ 24 bpp (60 Hz) LCD/Simultaneous mode: 1280 x 1024 @ 24 bpp (60 Hz) AGP 2X VGA/LCD interface Supports 9/12/18/24/36/48-bit TFT and 16/24-bit color DSTN panels Optional Silicon Image Sil164 DVI transmitter onboard SMI SM721 integrated TV encoder supports both NTSC/PAL Supports both S-video and composite video
Barebone
Ordering Information
* ECM-5610
PPC
* VGA/LCD Interface
5.25" Intel(R) Pentium(R) III / Celeron(R) Mini Module with VGA, LCD, TV-out, Audio, Dual LAN, CF, PC/104, PCI, 4 COM, & 2 USB 1.1 Same as above, but with Single LAN
P. 10-12
DVR
* DVI * TV-out
* ECM-5610L * EES-5610
Intel(R) Pentium(R) III / Celeron(R) Mini PC with VGA, LCD, Audio, Dual LAN, CF, 4 COM, & 2 USB 1.1
APPX
* ACC-56102-1 * ACC-CFC-xx
Cable Kit for ECM-5610 Series CompactFlash Card (xx = Capacity, Capacity Option: 8, 16, 32, 64, 128, 256, 512 MB)
Applied computing solutions
3-13


▲Up To Search▲   

 
Price & Availability of ECM-5610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X